Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TA0321 Datasheet HTML 2Page - STMicroelectronics TA0321 Datasheet HTML 3Page - STMicroelectronics TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics TA0321 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4 The Need for Lightning Protection
TA0321
6/12
4
The Need for Lightning Protection
The LNB is remotely powered from the satellite receiver. The same coaxial cable that carries
the IF signal from the LNB to the receiver carries power from the receiver to the LNB. The 13V
to 18V DC is generated by a dedicated IC, a LNB Voltage Regulator.
This device can be damaged by any lightning strike on the coaxial cable or the antenna that can
generate high current - high voltage surge at the voltage regulator.
This surge can be simulated according to the IEC61000-4-5 standard:
●
tr/tf = 8/20 µs
●
Vpp = 3 kV to 6 kV
●
R = 12
Ω
●
Ipp = 250 A to 500 A
Figure 5.
IEC61000-4-5 current waveform
In case of lightning events, the current surge at the LNB voltage regulator (IC) inputs ranges
from 250 A (when 3 kV is applied) to 500 A (when 6 kV is applied). This IC can not withstand
such high value energy.
To comply with this IEC regulation and to protect the LNB Voltage Regulator IC against any
damage from lightning events, a dedicated and optimized protection device is required in front
of the voltage regulator.
I
I/2
8 µs
20 µs
t
I
I
I/2
8 µs
20 µs
t
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com