Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 3 Page - STMicroelectronics

  TA0321 Datasheet HTML 1Page - STMicroelectronics TA0321 Datasheet HTML 2Page - STMicroelectronics TA0321 Datasheet HTML 3Page - STMicroelectronics TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA0321
2 Polarization selection
3/12
2
Polarization selection
Polarization is a way to give a specific direction to a transmission signal. It increases the beam
concentration.
The signal transmitted by satellite can be polarized in one of four different ways: Linear
(horizontal or vertical) or Circular (right-hand or left-hand).
Consequently, the satellite can broadcast both H and V or LH and RH polarized signals on one
frequency.
Figure 2.
The four different ways of polarization
The “universal” LNB switches the polarization by looking at the voltage that it receives from the
receiver.
Generally, only two signals 13 V and 18 V are used with one type of antenna.
13 V(1) - Vertical Polarization or Circular Right-Hand Polarization (RHCP)
18 V(2) - Horizontal Polarization or Circular Left-Hand Polarization (LHCP)
Also, 1 V can be added from a receiver to any of above voltages to compensate for the voltage
drop in the coaxial cable.
1.
actually from 11.5 to 14V
2.
actually from 15.5 to 21V
RHCP
LHCP
HP
VP
RHCP
LHCP
HP
VP
Right hand circular
Left hand circular
Horizontal
Vertical
Linear
Horizontal
Right hand
Vertical
11.7 GHz
12.2 GHz
12.7 GHz
Left hand
Circular



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com