Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 1 Page - STMicroelectronics

  TA0321 Datasheet HTML 1Page - STMicroelectronics TA0321 Datasheet HTML 2Page - STMicroelectronics TA0321 Datasheet HTML 3Page - STMicroelectronics TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1
January 2006
1/12
12
TA0321
TECHNICAL ARTICLE
Lightning protection for LNB supply and control voltage regulator
Introduction
Communication satellites operate within two frequency bands for TV/Broadband service broadcast
signals, C Band and Ku Band. The C Band overall frequency spectrum is 4.0 GHz - 8.0 GHz, while the Ku
Band overall frequency spectrum is 10.7 GHz - 18.4 GHz.
Within these bands each satellite has a specific uplink and downlink frequency allocation.
For example:
■ Ku Band downlink frequency is 10.7 GHz-12.75 GHz and uplink frequency is 17.3 GHz-17.8 GHz.
■ C Band downlink frequency is 3.7 GHz-4.2 GHz and uplink frequency is 5.925 GHz-6.425 GHz
To use the frequencies that are available for satellite broadcast as efficiently as possible, and to
accommodate an additional number of channels within a given frequency band, the transmission signal
can be formatted to be either vertical and horizontal, or circular right-hand and circular left-hand
simultaneously per frequency.
UPLINK
DOWNLINK
www.st.com


Similar Part No. - TA0321

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0321A TAI-SAW-TA0321A Datasheet
423Kb / 12P
SAW Filter 881.5MHz SMD 2.5횞2.0 mm
More results

Similar Description - TA0321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
STMicroelectronics
TA235 STMICROELECTRONICS-TA235 Datasheet
35Kb / 6P
TECHNICAL ARTICLE
Oct-2000
logo
AZ Displays
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
logo
Analog Devices
MS-2212 AD-MS-2212 Datasheet
248Kb / 5P
Technical Article
MS-2251 AD-MS-2251_15 Datasheet
270Kb / 6P
Technical Article
logo
PHOENIX CONTACT
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
The illustration shows the article IB IL 24 DO 16-PAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com