Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TA0321 Datasheet HTML 3Page - STMicroelectronics TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics TA0321 Datasheet HTML 10Page - STMicroelectronics TA0321 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TA0321
5 STMicroelectronics solution
7/12
5
STMicroelectronics solution
To offer Satellite Set Top Box manufacturers the best trade-off between cost and lightning
protection of the LNB voltage regulator, STMicroelectronics has introduced the new dedicated
and optimized LNBTVSx-22x devices.
5.1
A segmented & differentiated approach
The product strategy is based on a segmented approach to provide the best suitable protection
device relative to the various LNB voltage regulator absolute maximum ratings capabilities.
It means that depending on the LNB voltage regulator used in the application and depending on
the lightning surge test level applied, a different LNBTVSx-22x has to be implemented to
optimize the cost and robustness of the total solution.
As an example:
When the LNBP21 voltage regulator is used and if the box needs to comply with the level 4 of
the IEC61000-4-5 (4 kV), the best suitable protection device to be implemented is the
LNBTVS4-222S.
See Table 3 for recommended fit.
5.2
Features
3 kV, 4 kV and 6 kV protection (8/20 µs)
Axial & SMD package
Low Vf
Low Clamping factor
Fast Response Time
UL Recognized
Figure 6.
Surge tests +4 kV (Standard IEC61000-4-5 - with series resistor of 12
Ω)
Device only
Device on test board LNBP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com