Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics TA0321 Datasheet HTML 10Page - STMicroelectronics TA0321 Datasheet HTML 11Page - STMicroelectronics TA0321 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5 STMicroelectronics solution
TA0321
8/12
Note:
In some tests, some customers apply an external power supply voltage in the range of +28 V
DC to the coaxial cable. In this case, it is recommended to used a TVS with VRM > 28 V
(SM15T33A or SM15T36A).
5.3
Ordering information scheme
Table 2.
LNBTVSx-22xx range
Type
IRM @VRM
VBR @ IR
PPP
10/1000 µS
VCL @ Ipp
10/1000 µs
VCL @ Ipp
8/20 µs (1)
1.
IEC61000-4-5 R = 12
αT
C
Max
Min Typ Max
Max
Max
Max
Typ
Unidirectional
µA
VV
V
V
mA
W
V
A
V
A
10-4/°C
pF
LNBTVS3-220
1
20
22
23.1 24.2
1
1500
33.2
45
35
250
9.6
3000
LNBTVS3-220U
1
20
22
23.1 24.2
1
1500
33.2
45
35
250
9.6
3000
LNBTVS4-220
1
20
22
23.1 24.2
1
1800
33.2
55
32
331
9.6
3500
LNBTVS4-220S
1
20
22
23.1 24.2
1
1800
33.2
55
32
331
9.6
3500
LNBTVS4-221
1
20
22
23.1 24.2
1
2000
33.2
60
32
331
9.6
5500
LNBTVS4-221S
1
20
22
23.1 24.2
1
2000
33.2
60
32
331
9.6
5500
LNBTVS4-222S
1
20
22
23.1 24.2
1
3000
33.2
90
30
331
9.6
6000
LNBTVS6-220S
1
20
22
23.1 24.2
1
2000
33.2
60
35
500
9.6
5500
LNBTVS6-221S
1
20
22
23.1 24.2
1
3000
33.2
90
32
500
9.6
6000
LNB
TVS
x
- 22
xx
Low noise block regulator
Transient voltage suppressor
V
V
V
Package
PP
BR
CL
3 = 3 kV
4 = 4 kV
6 = 6 kV
22 = 22 V
0 = 35 V
1 = 32 V
2 = 30 V
U = SMB
S = SMC
Blank = DO201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com