Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics TA0321 Datasheet HTML 10Page - STMicroelectronics TA0321 Datasheet HTML 11Page - STMicroelectronics TA0321 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5 STMicroelectronics solution
TA0321
10/12
5.5
Benefits
Simple and Low Cost Solution
Replace current solutions at lower cost and better performances
High Reliability Protection Solution
Dedicated and Optimized for LNB Voltage Regulator protection
Complies with LNB supply voltages
Complies with IEC61000-4-5 standard
Available in Axial and SMD package
Compatible with all LNB Voltage Regulator types and references
Criteria
Benefits
LNBTVSx-22xx
Competition
Lightning Protection
Up to 6 kV - 500 A
++
+
Reliability, longevity
No diode paralleling
++
-
Coverage vs LNB Reg.
Various P/N
++
-
Cost
Low
++
+
Design and safety
Dedicated for LNB Reg. protection
++
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com