Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0321 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TA0321
Description  TECHNICAL ARTICLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0321 Datasheet(HTML) 2 Page - STMicroelectronics

  TA0321 Datasheet HTML 1Page - STMicroelectronics TA0321 Datasheet HTML 2Page - STMicroelectronics TA0321 Datasheet HTML 3Page - STMicroelectronics TA0321 Datasheet HTML 4Page - STMicroelectronics TA0321 Datasheet HTML 5Page - STMicroelectronics TA0321 Datasheet HTML 6Page - STMicroelectronics TA0321 Datasheet HTML 7Page - STMicroelectronics TA0321 Datasheet HTML 8Page - STMicroelectronics TA0321 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1 What is a Low Noise Block (LNB)?
TA0321
2/12
1
What is a Low Noise Block (LNB)?
An LNB is a low noise block module, placed on the focus of the satellite dish antenna (parabola)
that provides the following functions:
●
Down conversion of the incoming signal from GHz range to the 910 MHz - 2150 MHz (for
Europe) range called “first conversion signal”. This conversion allows the signal to be
carried by an inexpensive coaxial cable towards the receiver.
●
Signal amplification with good noise figure. The LNB improves the first conversion signal
level through the use of a built-in low noise amplifier.
●
Selection of Vertical or Horizontal polarization.
●
Selects operating band by switching its internal oscillator from Low band to High band
when the LNB “receives” a 22kHz tone. Specifically, the local oscillator (LO) frequency
changes from 9.75 GHz to 10.6 GHz.
–
C Band - LO frequency 9.75 GHz
–
Ku Band - LO frequency 10.6 GHz
●
Miscellaneous functions based on 22kHz tone PPM encoding, as discussed later in this
paper.
Figure 1.
OMNI-LNB architecture
Waveguide
transition
and
Depolarizer
Antenna
feed
system
Power supply
and
control
LNA and
Polaraization
matrix
Polarization
switch
LNB
Back-end
IF Output
H
RHCP
LHCP
V
X
Y
RF Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com