Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 20 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 20 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Copyright © Bridgetek Pte Ltd
20
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
4.2 System Clock
4.2.1
Clock Source
The BT815/6 can be configured to use any of the three clock sources for system clock:
Internal relaxation oscillator clock (default)
External 12MHz crystal
External 12MHz square wave clock
Figure 4-4, Figure 4-5 and Figure 4-6 show the pin connections for these clock options.
Figure 4-4 Internal relaxation oscillator connection
Figure 4-5 Crystal Oscillator Connection
Figure 4-6 External Clock Input
4.2.2
Phase Locked Loop
The internal PLL takes an input clock from the oscillator, and generates clocks to all internal circuits,
including the graphics engine, audio engine and touch engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com