Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 12 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 12 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Copyright © Bridgetek Pte Ltd
12
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
4 Functional Description
The BT815/6 is a single chip, embedded video controller with the following functional blocks:
Quad SPI Host Interface
Quad SPI Flash Interface
System Clock
Graphics Engine
Parallel RGB video interface
Audio Engine
Touch-screen support and interface (Resistive = BT816 / Capacitive – BT815)
Power Management
The functions for each block are briefly described in the following subsections.
4.1 Quad SPI Host Interface
The BT815/6 uses a quad serial peripheral interface (QSPI) to communicate with host microcontrollers
and microprocessors.
4.1.1
QSPI Interface
The QSPI slave interface operates up to 30MHz. Only SPI mode 0 is supported. Refer to section 6.4.2 for
detailed timing specification. The QSPI can be configured as a SPI slave in SINGLE, DUAL or QUAD
channel modes.
By default the SPI slave operates in the SINGLE channel mode with MOSI as input from the master and
MISO as output to the master. DUAL and QUAD channel modes can be configured through the SPI slave
itself. To change the channel modes, write to register REG_SPI_WIDTH. The table below depicts the
setting.
REG_SPI_WIDTH[1:0]
Channel Mode
Data pins
Max bus speed
00
SINGLE – default mode
MISO, MOSI
30 MHz
01
DUAL
MOSI, MISO
30 MHz
10
QUAD
MOSI, MISO, IO2, IO3
30 MHz
11
Reserved
-
-
Table 4-1 QSPI Channel Selection
With DUAL/QUAD channel modes, the SPI data ports are now unidirectional. In these modes, each SPI
transaction (signified by CS_N going active low) will begin with the data ports set as inputs.
Hence, for writing to the BT815/6, the protocol will operate as in FT800, with “WR-Command/Addr2,
Addr1, Addr0, DataX, DataY, DataZ …” The write operation is considered complete when CS_N goes
inactive high.
For reading from the BT815/6, the protocol will still operate as in FT800, with “RD-Command/Addr2,
Addr1, Addr0, Dummy-Byte, DataX, DataY, DataZ”. However as the data ports are now unidirectional, a
change of port direction will occur before DataX is clocked out of the BT815/6. Therefore it is important
that the firmware controlling the SPI master changes the SPI master data port direction to “input” after
transmitting Addr0. The BT815/6 will not change the port direction till it starts to clock out DataX. Hence,
the Dummy-Byte cycles will be used as a change-over period when neither the SPI master nor slave will
be driving the bus; the data paths thus must have pull-ups/pull-downs. The SPI slave from the BT815/6
will reset all its data ports’ direction to input once CS_N goes inactive high (i.e. at the end of the current
SPI master transaction).
The diagram depicts the behaviour of both the SPI master and slave in the master read case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com