Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 47 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 47 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Copyright © Bridgetek Pte Ltd
47
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302188h
REG_SPI_WIDTH
3
r/w
0
QSPI bus width setting
Bit [2]: extra dummy cycle on read
Bit [1:0]: bus width (0=1-bit, 1=2-bit,
2=4-bit)
30218Ch
REG_TOUCH_DIRECT_XY
REG_CTOUCH_TOUCH2_XY
32
r/o
-
Compatibility mode: Touch screen direct
(x-MSB16; y-LSB16) conversions
Extended mode: touch-screen screen
data for touch 2 (x-MSB16; y-LSB16)
302190h
REG_TOUCH_DIRECT_Z1Z2
REG_CTOUCH_TOUCH3_XY
32
r/o
-
Compatibility mode: Touch screen direct
(z1-MSB16; z2-LSB16) conversions
Extended mode: touch-screen screen
data for touch 3 (x-MSB16; y-LSB16)
302194h-
302560h
Reserved
-
-
-
Reserved
302564h
REG_DATESTAMP
128
r/o
-
Stamp date code
302574h
REG_CMDB_SPACE
12
r/w
FFCh
Command DL (bulk) space available
302578h
REG_CMDB_WRITE
32
w/o
0
Command DL (bulk) write
30257Ch
REG_ADAPTIVE_FRAMERATE
1
r/w
1
Reduce frame rate during complex
drawing
3025ECh
REG_PLAYBACK_PAUSE
1
r/w
0
Audio playback pause
3025F0h
REG_FLASH_STATUS
2
r/w
0
Flash status
Table 5-2 Overview of BT815/6 Registers
Note: All register addresses are 4-byte aligned. The value in the “Bits” column refers to the number of
valid bits from bit 0 unless otherwise specified; other bits are reserved.
5.2 Chip ID
The BT815/6 Chip ID can be read at memory location 0C0000h – 0C0003h. The reset values of these
bytes are:
-
0C0000h: 08h
-
0C0001h: 15h (BT815), 16h(BT816)
-
0C0002h: 01h
-
0C0003h: 00h
Note that the Chip ID location can be over-written by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com