Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 63 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 63 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 58Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 59Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 60Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 61Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 62Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 63Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 64Page - Bridgetek Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Copyright © Bridgetek Pte Ltd
63
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Table 4-9 ROM font ASCII character width in pixels......................................................................... 25
Table 4-10 ROM Font Extended ASCII Characters ........................................................................... 25
Table 4-11 RGB PCLK Frequency................................................................................................... 27
Table 4-12 REG_SWIZZLE RGB Pins Mapping ................................................................................. 28
Table 4-13 Registers for RGB Horizontal and Vertical Timings........................................................... 28
Table 4-14 Output Drive Current Selection..................................................................................... 30
Table 4-15 Sound Effect .............................................................................................................. 31
Table 4-16 MIDI Note Effect......................................................................................................... 32
Table 4-17 Resistive Touch Controller Operating Mode .................................................................... 33
Table 4-18 Capacitive Touch Controller Operating Mode .................................................................. 34
Table 4-19 Registers for Touch Host Mode .................................................................................... 36
Table 4-20 Power Supply ............................................................................................................. 37
Table 4-21 Pin Status.................................................................................................................. 41
Table 5-1 BT815/6 Memory Map ................................................................................................... 42
Table 5-2 Overview of BT815/6 Registers ...................................................................................... 47
Table 6-1 Absolute Maximum Ratings............................................................................................ 48
Table 6-2 ESD and Latch-Up Specifications .................................................................................... 48
Table 6-3 Operating Voltage and Current ....................................................................................... 49
Table 6-4 Digital I/O Pin Characteristics (VCCIO = +3.3V) ............................................................... 49
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +2.5V) ............................................................... 50
Table 6-6 Digital I/O Pin Characteristics (VCCIO = +1.8V) ............................................................... 50
Table 6-7 Touch Sense Characteristics .......................................................................................... 51
Table 6-8 System Clock Characteristics ......................................................................................... 51
Table 6-9 SPI Interface Timing Specifications ................................................................................. 52
Table 6-10 RGB Interface Timing Characteristics ............................................................................ 53
Table 8-1 Reflow Profile Parameter Values ..................................................................................... 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com