Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 51 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 51 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Copyright © Bridgetek Pte Ltd
51
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Parameter
Description
Minimum
Typical
Maximum Units
Conditions
pin
Vth-
Touch Detection
falling-edge
threshold on XP
pin
1.23
-
1.55
V
VCCIO=3.3V
0.51
-
0.56
V
VCCIO=1.8V
Rl
X-axis and Y-axis
drive load
resistance
200
-
-
Ω
Table 6-7 Touch Sense Characteristics
6.4 AC Characteristics
6.4.1
System Clock and Reset
Parameter
Value
Units
Minimum
Typical
Maximum
Internal Relaxation Clock
Trimmed frequency target
-
12
-
MHz
Trimmed frequency accuracy
-
±1.2
±6.0
%
Trimmed frequency variation over
temperature and voltage
-
-
±4.0
%
Crystal
Frequency
-
12.000
-
MHz
X1/X2 Capacitance
-
-
10
pF
External clock input
Frequency
-
12.000
-
MHz
Duty cycle
45
50
55
%
Input voltage on X1/CLK
-
3.3
-
V
Reset
Reset pulse on PD_N
5
ms
Table 6-8 System Clock Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com