Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 15 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 15 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Copyright © Bridgetek Pte Ltd
15
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
4.1.4
Host Memory Write
For SPI memory write transactions, the host sends a ‘1’ bit and ‘0’ bit, followed by the 22-bit address.
This is followed by the write data.
Byte n
Table 4-3 Host Memory Write Transaction
4.1.5
Host Command
When sending a command, the host transmits a 3 byte command. Table 4-5 Host Command List Error!
Reference source not found. lists all the host command functions.
For SPI command transactions, the host sends a ‘0’ bit and ‘1’ bit, followed by the 6-bit command code.
The 2nd byte can be either 00h, or the parameter of that command. The 3rd byte is fixed at 00h.
All SPI commands except the system reset can only be executed when the SPI is in the Single channel
mode. They will be ignored when the SPI is in either Dual or Quad channel mode.
Some commands are used to configure the device and these configurations will be reset upon receiving
the SPI PWRDOWN command, except those that configure the pin state during power down. These
commands will be sticky unless reconfigured or power-on-reset (POR) occurs.
1st Byte
2nd Byte
3rd Byte
Table 4-4 Host Command Transaction
1st Byte
2nd byte
3rd byte
Command
Description
Power Modes
00000000b
00000000b
00000000b
00h
ACTIVE
Switch from Standby/Sleep/PWRDOWN
modes to active mode. Dummy memory
read from address 0(read twice) generates
ACTIVE command.
01000001b
00000000b
00000000b
41h
STANDBY
Put BT815/6 core to standby mode. Clock
gate off, PLL and Oscillator remain on
(default). ACTIVE command to wake up.
7
6
5
4
3
2
1
0
1
0
Address [21:16]
Address [15:8]
Address [7:0]
Byte 0
7
6
5
4
3
2
1
0
0
1
Command [5:0]
Parameter for the command
0
0
0
0
0
0
0
0
Write Data
Write
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com