Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT816Q-R Datasheet(PDF) 17 Page - Bridgetek Pte Ltd.

Part # BT816Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT816Q-R Datasheet(HTML) 17 Page - Bridgetek Pte Ltd.

Back Button BT816Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT816Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Copyright © Bridgetek Pte Ltd
17
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
1st Byte
2nd byte
3rd byte
Command
Description
will be determined by its corresponding
GPIO register bits, if they exist. If they don’t
exist, a hard coded setting is used. Please
refer to Table 4-21 for default values.
When PINDRIVE for a pin from the SPI
command is updated, it will override the
corresponding setting in the GPIO register
bits.
Byte2 determines which pin and the setting
are to be updated.
Byte2[1:0] determine the drive strength.
For pins
R[7:0]/G[7:0]/B[7:0]/PCLK/DISP/HSYNC/V
SYNC/DE/BACKLIGHT:
Byte2[1:0]
Drive Strength
0h
1.2mA
1h
2.4mA
2h
3.6mA
3h
4.8mA
For all other pins:
Byte2[1:0]
Drive Strength
0h
5mA
1h
10mA
2h
15mA
3h
20mA
Byte2[7:2] determine which pin/pin group
to set:
Byte2
[7:2]
Pin / Pin Group
00h
GPIO 0
01h
GPIO 1
02h
GPIO 2
03h
GPIO 3
04-07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com