Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 9Page - Texas Instruments TPS36 Datasheet HTML 10Page - Texas Instruments TPS36 Datasheet HTML 11Page - Texas Instruments TPS36 Datasheet HTML 12Page - Texas Instruments TPS36 Datasheet HTML 13Page - Texas Instruments TPS36 Datasheet HTML 14Page - Texas Instruments TPS36 Datasheet HTML 15Page - Texas Instruments TPS36 Datasheet HTML 16Page - Texas Instruments TPS36 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Source current (mA)
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2
TA = −40C
TA = 0C
TA = 25C
TA = 85C
TA = 125C
Figure 7-8. WDO VOH vs I source, VDD = 2.0 V
Source current (mA)
1
2
3
4
5
4
4.4
4.8
5.2
5.6
6
TA = −40C
TA = 0C
TA = 25C
TA = 85C
TA = 125C
Figure 7-9. WDO VOH vs I source, VDD = 6.0 V
Figure 7-10. Supply Current vs Power-Supply Voltage
www.ti.com
TPS3435
SNVSCF7 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com