Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 12Page - Texas Instruments TPS36 Datasheet HTML 13Page - Texas Instruments TPS36 Datasheet HTML 14Page - Texas Instruments TPS36 Datasheet HTML 15Page - Texas Instruments TPS36 Datasheet HTML 16Page - Texas Instruments TPS36 Datasheet HTML 17Page - Texas Instruments TPS36 Datasheet HTML 18Page - Texas Instruments TPS36 Datasheet HTML 19Page - Texas Instruments TPS36 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
WDI
ttWDOt
Ignore
ttWDt
ttWDt
ttWDt
ttSDt
tP-WD
WDO
tWD
Figure 8-6. Timeout Watchdog Timer Operation
8.3.1.1 tWD Timer
The tWD timer for TPS3435 can be set using an external capacitor connected between CWD pin and GND pin.
This feature is available with pinout options A or B or K. Applications which are space constrained or need timer
values which meet offered timer options, can benefit when using pinout options C or J. The TPS3435 offers
multiple fixed timer options ranging from 1 msec up-to 100 sec.
The TPS3435, when using capacitance based timer, senses the capacitance value during the power up. The
capacitor is charged and discharged with known internal current source for one cycle to sense the capacitance
value. The sensed value is used to arrive at tWD timer for the watchdog operation. This unique implementation
helps reduce the continuous charge and discharge current for the capacitor, thus reducing overall current
consumption. Continuous charge and discharge of capacitance creates wider dead time (no watchdog monitor
functionality) when capacitor is discharging. The dead time is higher for high value of capacitance. The unique
implementation of TPS3435 helps avoid the dead time as the capacitance is not continuously charging or
discharging under normal operation. Ensure CCWD is < 200 x CCRST for accurate calibration of capacitance.
Equation 1 highlights the relationship between tWD in second and CWD capacitance in farad. The tWD timer is
20% accurate for an ideal capacitor. Accuracy of the capacitance will have additional impact on the tWD time.
Ensure the capacitance meets the recommended operating range. Capacitance outside the recommended range
can lead to incorrect operation of the device.
tWD (sec) = 4.95 x 106 x CCWD (F)
(1)
The TPS3435 also offers wide selection of high accuracy fixed timer options starting from 1 msec to 100 sec
including various industry standard values. The TPS3435 fixed time options are ±10% accurate for tWD ≥ 10
msec. For tWD < 10 msec, the accuracy is ±20%. tWD value relevant to application can be identified from the
orderable part number. Refer Section 5 section to identify mapping of orderable part number to tWD value.
The TPS3435 offers flexibility to change the tWD value on the fly by controlling the logic levels on the SETx pins.
Section 8.3.1.4 section explains the advantages offered by this feature and the device behavior with various
SETx pin combinations.
8.3.1.2 Watchdog Enable Disable Operation
The TPS3435 supports watchdog enable or disable functionality. This functionality is critical for different use
cases as listed below.
• Disable watchdog during firmware update to avoid host RESET.
• Disable watchdog during software step-by-step debug operation.
• Disable watchdog when performing critical task to avoid watchdog error interrupt.
• Keep watchdog disabled until host boots up.
The TPS3435 supports watchdog enable or disable functionality through either WD-EN pin or SET[1:0] = 0b'01
logic combination or by keeping WDI pin in the floating state. For a given pinout only one of these three methods
is available for the user to disable watchdog operation.
For a pinout which offers a WD-EN pin, the watchdog enable disable functionality is controlled by the logic state
of WD-EN pin. Drive WD-EN = 1 to enable the watchdog operation or drive WD-EN = 0 to disable the watchdog
TPS3435
SNVSCF7 – DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com