Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 20Page - Texas Instruments TPS36 Datasheet HTML 21Page - Texas Instruments TPS36 Datasheet HTML 22Page - Texas Instruments TPS36 Datasheet HTML 23Page - Texas Instruments TPS36 Datasheet HTML 24Page - Texas Instruments TPS36 Datasheet HTML 25Page - Texas Instruments TPS36 Datasheet HTML 26Page - Texas Instruments TPS36 Datasheet HTML 27Page - Texas Instruments TPS36 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
9.2.1.2.4 Calculating the WDO Pullup Resistor
The TPS3435 uses an open-drain configuration for the WDO output, as shown in Figure 9-2. When the FET is
off, the resistor pulls the drain of the transistor to VDD and when the FET is turned on, the FET pulls the output
to ground, thus creating an effective resistor divider. The resistors in this divider must be chosen to ensure that
VOL is below its maximum value. To choose the proper pullup resistor, there are three key specifications to keep
in mind: the pullup voltage (VPU), the recommended maximum WDO pin current (ISink), and VOL. The maximum
VOL is 0.3 V, meaning that the effective resistor divider created must be able to bring the voltage on the reset
pin below 0.3 V with ISink kept below 2 mA for VDD ≥ 3 V and 500 μA for VDD = 1.5 V. For this example, with
a VPU =VDD = 1.5 V, a resistor must be chosen to keep ISink below 500 μA because this value is the maximum
consumption current allowed. To ensure this specification is met, a pullup resistor value of 10 kΩ was selected,
which sinks a maximum of 150 μA when WDO is asserted.
WDO
VDD
WDO
CONTROL
Figure 9-2. Open-Drain WDO Configuration
9.2.1.3 Application Curves
Figure 9-3. Typical WDI Pulse
Figure 9-4. Watchdog Timeout Fault
10 Power Supply Recommendations
This device is designed to operate from an input supply with a voltage range between 1.04 V and 6.5 V. An input
supply capacitor is not required for this device; however, if the input supply is noisy, then good analog practice is
to place a 0.1-µF capacitor between the VDD pin and the GND pin.
TPS3435
SNVSCF7 – DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com