Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 14Page - Texas Instruments TPS36 Datasheet HTML 15Page - Texas Instruments TPS36 Datasheet HTML 16Page - Texas Instruments TPS36 Datasheet HTML 17Page - Texas Instruments TPS36 Datasheet HTML 18Page - Texas Instruments TPS36 Datasheet HTML 19Page - Texas Instruments TPS36 Datasheet HTML 20Page - Texas Instruments TPS36 Datasheet HTML 21Page - Texas Instruments TPS36 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
VDD
WDI
Ignore
ttSDt
ttWDOt
VPOR
ttWDt
ttWDt
ttSDt
Ignore
tSTRT
WDO
VDDMIN
Figure 8-8. tSD Frame Behavior
8.3.1.4 SET Pin Behavior
The TPS3435 offers one or two SET pins based on the pinout option selected. SET pins offer flexibility to the
user to program the tWD timer on the fly to meet various application requirements. Typical use cases where SET
pin can be used are:
• Use wide timeout timer when host is in sleep mode, change to small timeout operation when host is
operational. Watchdog can be used to wake up the host after long duration to perform the application related
activities before going back to sleep.
• Change to wide timeout timer when performing system critical tasks to make sure the watchdog does not
interrupt the critical task. Change timer to application specified interval after the critical task is complete.
The tWD timer value for the device is combination of timer selection based on the CWD pin or fixed timer value
along with SET pin logic level. The base tWD timer value is decided based on the Watchdog Time selector in
the Section 5 section. The SET pin logic level is decoded during the device power up. The SET pin value can
be changed any time during the operation. SETx pin change which leads to change of watchdog timer value
or enable disable state, terminates the ongoing watchdog frame immediately. SETx pins can be updated when
WDO output is asserted as well. The updated tWD timer value will be applied after output is deasserted and the
tSD timer is over or terminated.
For a pinout which offers only SET0 pin to the user, the tWD multiplier value is decided based on the Watchdog
Time Scaling selector in the Section 5 section. Table 8-1 showcases an example of the tWD values for different
SET0 logic levels when using Watchdog Time setting as option D = 10 msec.
Table 8-1. tWD Scaling with SET0 Pin Only
WATCHDOG TIME SCALING SELECTION
tWD
SET0 = 0
SET0 = 1
A
10 msec
20 msec
B
10 msec
40 msec
C
10 msec
80 msec
D
10 msec
160 msec
E
10 msec
320 msec
F
10 msec
640 msec
G
10 msec
1280 msec
For pinouts which offer both SET0 & SET1 pins to the user, the tWD multiplier value is decided based on the
Watchdog Time Scaling selector in the Section 5 section. Two SETx pins offer 3 different time scaling options.
The SET[1:0] = 0b'01 combination disables the watchdog operation. Table 8-2 showcases an example of the
TPS3435
SNVSCF7 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com