Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 10Page - Texas Instruments TPS36 Datasheet HTML 11Page - Texas Instruments TPS36 Datasheet HTML 12Page - Texas Instruments TPS36 Datasheet HTML 13Page - Texas Instruments TPS36 Datasheet HTML 14Page - Texas Instruments TPS36 Datasheet HTML 15Page - Texas Instruments TPS36 Datasheet HTML 16Page - Texas Instruments TPS36 Datasheet HTML 17Page - Texas Instruments TPS36 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
8 Detailed Description
8.1 Overview
The TPS3435 is a high-accuracy timeout watchdog timer device. The device family supports multiple features
related to watchdog operation in a compact 6 pin WSON and 8 pin SOT23 package. The devices are available
in 5 different pinout configurations. Each pinout offers access to different features to meet the various application
requirements.
8.2 Functional Block Diagrams
Capacitance
Detection
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
CRST
CWD
WDI
SET0
GND
WDO
MR
Figure 8-1. Pinout Option A
Capacitance
Detection
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
CRST
CWD
WDI
SET1
GND
SET0
WDO
Figure 8-2. Pinout Option B
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
WD-EN
SET1
WDI
SET0
GND
WDO
MR
Figure 8-3. Pinout Option C
TPS3435
SNVSCF7 – DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com