Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 13Page - Texas Instruments TPS36 Datasheet HTML 14Page - Texas Instruments TPS36 Datasheet HTML 15Page - Texas Instruments TPS36 Datasheet HTML 16Page - Texas Instruments TPS36 Datasheet HTML 17Page - Texas Instruments TPS36 Datasheet HTML 18Page - Texas Instruments TPS36 Datasheet HTML 19Page - Texas Instruments TPS36 Datasheet HTML 20Page - Texas Instruments TPS36 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
operation. The WD-EN pin can be toggled any time during the device operation. The Figure 8-7 diagram shows
timing behavior with WD-EN pin control.
VDD
WDI
ttWDt
ttWDOt
VPOR
Ignore
WD-EN
ttWDt
tWD
Ignore
WDO
Figure 8-7. Watchdog Enable: WD-EN Pin Control
SET[1:0] = 0b'01 combination can be used to disable watchdog operation with a pinout which offers SET1 and
SET0 pins, but does not include WD-EN pin. The SET pin logic states can be changed at any time during
watchdog operation. Refer Section 8.3.1.4 section for additional details regarding SET[1:0] pin behavior.
A pinout which does not offer WD-EN or SET[1:0] pins uses WDI float pin status to disable the watchdog
operation. Users can float the WDI pin during normal operation to disable the watchdog. To enable watchdog,
drive the WDI pin and apply a valid edge to trigger the watchdog. It is recommended to drive HIGH and then
LOW when exiting the WDI float state.
Pinout options A, B, K offer watchdog timer control using a capacitance connected between CWD and GND
pin. A capacitance value higher than recommended or connect to GND leads to watchdog functionality getting
disabled. Note, capacitance value is detected and latched during start-up or after an error event. Changing
capacitance on the fly does not enable or disable watchdog operation. A power supply recycle is needed to
detect change in capacitance.
When watchdog is disabled the ongoing frame will be terminated and WDO will stay deasserted. When enabled
the device will immediately enter tWD frame and start watchdog monitoring operation.
8.3.1.3 tSD Watchdog Start Up Delay
The TPS3435 supports watchdog startup delay feature. This feature is activated after power up or after WDO
assert event. When tSD frame is active, the device monitors the WDI pin but the WDO output is not asserted.
This feature allows time for the host complete boot process before watchdog monitoring can take over. The start
up delay helps avoid unexpected WDO assert events during boot. The tSD time is predetermined based on the
device part number selected. Refer Section 5 section for details to map the part number to tSD time. Pinout
option A, B, K are available only in no delay or 10 sec start up delay options.
The tSD frame is complete when the time duration selected for tSD is over or host provides a valid transition on
the WDI pin. The host must provide a valid transition on the WDI pin during tSD time. The device exits the tSD
frame and enters watchdog monitoring phase after valid WDI transition. Failure to provide valid transition on WDI
pin triggers the watchdog error by asserting the WDO output pin.
The tSD frame is not initiated when the watchdog functionality is enabled using WD-EN pin or SET[1:0] pin or
WDI float functionality as described in Section 8.3.1.2 section.
Figure 8-8 diagram shows the operation for tSD time frame.
www.ti.com
TPS3435
SNVSCF7 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com