Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS36 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 19Page - Texas Instruments TPS36 Datasheet HTML 20Page - Texas Instruments TPS36 Datasheet HTML 21Page - Texas Instruments TPS36 Datasheet HTML 22Page - Texas Instruments TPS36 Datasheet HTML 23Page - Texas Instruments TPS36 Datasheet HTML 24Page - Texas Instruments TPS36 Datasheet HTML 25Page - Texas Instruments TPS36 Datasheet HTML 26Page - Texas Instruments TPS36 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
9.1.2.2 Adjustable Capacitor Timing
Adjustable tWD timing is achievable by connecting a capacitor to the CWD pin. If this method is used, please
consult Equation 1 for calculating typical tWD values using ideal capacitors. Capacitor tolerances cause the
actual device timing to vary such that the minimum of tWD can decrease and the maximum of tWD can increase
by the capacitor tolerance. For the most accurate timing, use ceramic capacitors with COG dielectric material.
9.2 Typical Applications
9.2.1 Design 1: Monitoring a Standard Microcontroller for Timeouts
This example application uses the TPS3435CDDBBDDFR to monitor a microcontroller to ensure it is not stalled
during operation.
VDD
GND
TPS3435
3.3V
Microcontroller
SET1
VCC
WD-EN
GND
MR
SET0
WDI
GPIO
Copyright © 2022, Texas Instruments Incorporated
RESET
WDO
Figure 9-1. Microcontroller Watchdog Monitoring Circuit
9.2.1.1 Design Requirements
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Watchdog Timeout Period
Typical timeout period of 40 ms
Typical timeout period of 40 ms
Watchdog Output Assert Delay
Typical output assert of 2 ms
Typical output assert of 2 ms
Startup Delay
Minimum startup delay of 700 ms
Minimum startup delay of 900 ms
Output logic voltage
Open-drain
Open-drain
Maximum device current
consumption
20 µA
250 nA typical, 3.0 μA maximum(1)
(1)
Only includes the current consumption of the TPS3435.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Setting the Watchdog Timeout Period
The watchdog timeout design requirement can be met either by using a fixed-timeout version of the TPS3435 or
by connecting a capacitor between the CWD pin and GND. The typical values can be met with preprogrammed
fixed time options, hence a pinout offering fixed time options is selected. Please see the Section 7.6 for a list of
fixed timeouts. If using the CWD feature, please refer to Section 8.3.1.1 for instructions on how to program the
timout period. In this application example, the 40 ms timeout watchdog period is achieved by using watchdog
time of 10ms (option D) and watchdog time scaling of 4 (option B). Connect SET[1:0] = 0b'10 to select watchdog
time scaling of 4.
9.2.1.2.2 Setting Output Assert Delay
Please see the Section 7.7 for a list of fixed timeouts. Timeout option B was chosen in order to meet the design
requirement for a 2 ms typical timeout.
9.2.1.2.3 Setting the Startup Delay
Startup delay option D is chosen, which offers a startup delay of 1 s. This accounts for the minimum specification
of 700 ms.
www.ti.com
TPS3435
SNVSCF7 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com