Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 8Page - STMicroelectronics STLC2500A Datasheet HTML 9Page - STMicroelectronics STLC2500A Datasheet HTML 10Page - STMicroelectronics STLC2500A Datasheet HTML 11Page - STMicroelectronics STLC2500A Datasheet HTML 12Page - STMicroelectronics STLC2500A Datasheet HTML 13Page - STMicroelectronics STLC2500A Datasheet HTML 14Page - STMicroelectronics STLC2500A Datasheet HTML 15Page - STMicroelectronics STLC2500A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Pinout
STLC2500A
12/37
The column Reset and Default show the state of the pins in reset and the default value after
reset. For the output pin the default drive capability is 2 mA.
Table 12.
STLC2500A pin list (functional and supply)
Name
Pin #
Description
DIR
Reset
Default
after
reset
VDD_
IO_x
Clock and reset pins
RESETN
K03
Global reset - active low
I
Input
Input
A
RF_CLK_IN
H10
Reference clock input
I
Input
Input
(1)
LP_CLK
K05
Low power clock input
I
Input
Input
B
SW initiated low power mode
HOST_
WAKEUP
J05
Wake-up signal to host
(Open drain output)
I/O
Input PD
Output
high
A
BT_WAKEUP
J03
Wake-up signal to Bluetooth
I
Input(2)
Input
A
UART interface
UART_RXD
J07
UART receive data
I
Input PD
Input
A
UART_TXD
K07
UART transmit data
O/t (I/O)
Tri-state
PD
Output
high
A
UART_CTS
J06
UART clear to send
I
Input PU
(2)
Input
A
UART_RTS
K06
UART Request to send
O/t (I/O)
Tri-state
PU
Output
low
A
PCM interface
PCM_SYNC
E02
PCM frame signal
I/O
Input PD Input PD
A
PCM_CLK
E01
PCM clock signal
I/O
Input PD Input PD
A
PCM_A
F02
PCM data
I/O
Input PD Input PD
A
PCM_B
F01
PCM data
I/O
Input PD Input PD
A
JTAG interface
JTAG_TDI
C01
JTAG data input
I
Input PU Input PU
A
JTAG_TDO
B01
JTAG data output
O/t
Tri-state
Tri-state
A
JTAG_TMS
D01
JTAG mode signal
I
Input PU Input PU
A
JTAG_NTRST
C02
JTAG reset active low
I
Input PD Input PD
A
JTAG_TCK
D02
JTAG clock input
I
Input(3)
Input
A
General purpose Input/Output pins
GPIO_0
J08
General purpose IO
I/O
Input PD Input PD
A
GPIO_1
K08
General purpose IO
I/O
Input PD Input PD
A
GPIO_2
J09
General purpose IO
I/O
Input PD Input PD
A
GPIO_3
K09
General purpose IO
I/O
Input PD Input PD
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com