Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 21Page - STMicroelectronics STLC2500A Datasheet HTML 22Page - STMicroelectronics STLC2500A Datasheet HTML 23Page - STMicroelectronics STLC2500A Datasheet HTML 24Page - STMicroelectronics STLC2500A Datasheet HTML 25Page - STMicroelectronics STLC2500A Datasheet HTML 26Page - STMicroelectronics STLC2500A Datasheet HTML 27Page - STMicroelectronics STLC2500A Datasheet HTML 28Page - STMicroelectronics STLC2500A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
STLC2500A
General specification
25/37
Figure 5.
Low power modes [Initiated deep sleep, mode 1]
2.
[Initiated Deep Sleep, mode 2]
In this mode, the clock request and the host wake-up signalling have been decoupled.
These functions are now covered by 2 independant signals: the HOST_WAKEUP pin
only covers the clock request functionality, GPIO3 is used as a wakeup signal to the
Host.
This mode uses the following signals: HOST_WAKEUP (only used as a clock request
signal), BT_WAKEUP and GPIO3 (used as host wakeup signal). UART_RTS,
UART_CTS are only used to stop/allow UART activity.
–
The Host wakeup procedure
A Bluetooth Controller initiated wakeup of the Host is always initiated by GPIO3.
GPIO3 signals whether the Bluetooth Controller needs the Hosts attention: only if
there are data or HCI events to be sent over the UART interface, the Bluetooth
Controller will assert GPIO3 (requesting the Hosts attention).
When the Host sees a high level on GPIO3, it must wakeup (when asleep) and
assert the UART_CTS signal, allowing the Bluetooth Controller to send data or
HCI events. When asserting GPIO3, the Bluetooth Controller will make sure the
UART is open and that the UART_RTS signal is asserted.
Note that the UART will be closed (and the UART_RTS will be deasserted) by the
Bluetooth Controller when BT_WAKEUP is low and there is no data to be sent to
the Host. In that case, GPIO3 will also be low.
–
The wakeup/fall-asleep procedures for the Bluetooth Controller.
The wakeup/fall-asleep procedures for the Bluetooth Controller are always
initiated by the HOST_WAKEUP (i.e.clock request) or BT_WAKEUP signal.
–
The system goes into low power as follows:
the Host sets BT_WAKEUP to '0', telling the Bluetooth Controller that it can go in
low power. The Bluetooth Controller decides to enter low power mode or not,
depending on its scheduled activity and on the number of events or data packets
to be sent to the Host. When it decides to enter low power mode (meaning that
there is no scheduled activity and that there are no data or HCI events to be sent -
Active
Sleep Mode
Deep Sleep
Mode
Complete Power Down
Host: BT_WAKEUP=‘1’
OR
Hard Reset
UART off
BB
Host: BT_WAKEUP=‘0’=UART_RXD
AND
BT Controller: HOST_WAKEUP=‘0’
and UART_RTS=‘1’
UART on
Host: sends a specific HCI command.
Host: BT_WAKEUP=‘1’=UART_RXD
OR
BT Controller: HOST_WAKEUP=‘1’
(UART_RTS=‘0’)
Active
Sleep Mode
Deep Sleep
Mode
Complete Power Down
Host: BT_WAKEUP=‘1’
OR
Hard Reset
UART off
BB
Host: BT_WAKEUP=‘0’=UART_RXD
AND
BT Controller: HOST_WAKEUP=‘0’
and UART_RTS=‘1’
UART on
Host: sends a specific HCI command.
Host: BT_WAKEUP=‘1’=UART_RXD
OR
BT Controller: HOST_WAKEUP=‘1’
(UART_RTS=‘0’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com