Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 27Page - STMicroelectronics STLC2500A Datasheet HTML 28Page - STMicroelectronics STLC2500A Datasheet HTML 29Page - STMicroelectronics STLC2500A Datasheet HTML 30Page - STMicroelectronics STLC2500A Datasheet HTML 31Page - STMicroelectronics STLC2500A Datasheet HTML 32Page - STMicroelectronics STLC2500A Datasheet HTML 33Page - STMicroelectronics STLC2500A Datasheet HTML 34Page - STMicroelectronics STLC2500A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
STLC2500A
Digital interfaces
31/37
Figure 10.
PCM (A-law,
µ-law) standard mode
Figure 11.
Linear mode
Figure 12.
Multi-slot operation
The PCM implementation supports from 1 up to 3 slots per frame with the following
parameters:
Table 20.
PCM interface parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
PCM interfaces
FPCM_CLK
Frequency of PCM_CLK
140 (1)
2048
4000
kHz
FPCM_SYNC Frequency of PCM_SYNC
8
kHz
Psync_delay
Delay of the starting of the first slot
0
255
cycles
Pclk_number
PCM_CLK is available during this
number of clock cycles
0
255
cycles
0
1
15
PCM_CLK
125
µs
PCM_SYNC
PCM_A
PCM_B
D02TL559
PCM_CLK
PCM_SYNC
PCM_A
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
125
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com