Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 26Page - STMicroelectronics STLC2500A Datasheet HTML 27Page - STMicroelectronics STLC2500A Datasheet HTML 28Page - STMicroelectronics STLC2500A Datasheet HTML 29Page - STMicroelectronics STLC2500A Datasheet HTML 30Page - STMicroelectronics STLC2500A Datasheet HTML 31Page - STMicroelectronics STLC2500A Datasheet HTML 32Page - STMicroelectronics STLC2500A Datasheet HTML 33Page - STMicroelectronics STLC2500A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Digital interfaces
STLC2500A
30/37
7
Digital interfaces
7.1
The UART interface
The STLC2500A contains a 4-pin (UART_RXD, UART_TXD, UART_RTS, and UART_CTS)
UART compatible with 16450, 16550 and 16750 standards. It is running up to 1842 kbps
(+1.5%/-1%).
The configuration is 8 data bits, 1 start bit, 1 stop bit, and no parity bit. 128-byte FIFO with
configurable threshold interrupts for low CPU load and high throughput. Auto RTS/CTS is
implemented in HW, controllable by SW.
The UART accepts all HCI commands as described in the Bluetooth specification, it
supports H4 proprietary commands and the 4-wire UART sleep mode. The complete list of
supported proprietary HCI commands is available in the STLC2500A Software Interface
document.
Table 19 contains the list of supported baud rates selectable by HCI commands. The default
baud rate is 115200 [bps].
7.2
The PCM interface
The chip contains a 4-pin (PCM_CLK, PCM_SYNC, PCM_A, and PCM_B) direct voice
interface to connect to standard CODEC including internal decimator and interpolator filters.
The implementation is compliant with the MP-PCM requirements for voice transfer (8 kHz
PCM_SYNC and 8 or 16 bits data).
The four signals of the PCM interface are:
–
PCM_CLK:
PCM clock
–
PCM_SYNC:
PCM 8 kHz sync (every 125
µs)
–
PCM_A:
PCM data
–
PCM_B:
PCM data
The data can be linear PCM (13-16 bit),
µ-Law (8 bit) or A-Law (8bit). The interface can be
programmed as Master or as Slave via specific HCI commands.
Two additional PCM_SYNC signals can be provided via the GPIOs. See
Section 7.4 for
more details.
Table 19.
List of supported baud rates
Baud rate
Baud rate (contined)
Baud rate (contined)
1842 k
57.6 k
4800
921.6 k
38.4 k
2400
460.8 k
28.8 k
1800
230.4 k
19.2 k
1200
153.6 k
14.4 k
900
115.2 k (default)
9600
600
76.8 k
7200
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com