Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 9Page - STMicroelectronics STLC2500A Datasheet HTML 10Page - STMicroelectronics STLC2500A Datasheet HTML 11Page - STMicroelectronics STLC2500A Datasheet HTML 12Page - STMicroelectronics STLC2500A Datasheet HTML 13Page - STMicroelectronics STLC2500A Datasheet HTML 14Page - STMicroelectronics STLC2500A Datasheet HTML 15Page - STMicroelectronics STLC2500A Datasheet HTML 16Page - STMicroelectronics STLC2500A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
STLC2500A
Pinout
13/37
Configuration pins
CONFIG_JS
H01
Configuration signal
I
Input
Input
A
CONFIG_CLK
H02
Configuration signal
I
Input
Input
A
CONFIG_R
H03
Configuration signal
I
Input
Input
A
CONFIG_M
J01
Configuration signal
I
Input
Input
A
CONFIG_RF
J04
Configuration signal
I
Input
Input
A
RF signals
RFP
A05
Differential RF port
I/O
RFN
A06
I/O
Power supply
VDD_HV
A03
Power supply
(Connect all to 2.75V)
C09
D10
F09
K01
VDD_D
K02
Output regulator for core logic
(Connect to VDD_DIG)
VDD_DIG
B02
Core logic supply
(Connect all to VDD_D)
C03
J02
J10
VDD_IO_A
F03
1.65V to 2.85V I/Os supply
(Connect all)
G02
G01
VDD_IO_B
K04
1.35V to 2.85V I/Os supply
VDD_CLD
G08
System clock supply
1.65V to 2.85V
(Connect all to VDD_IO_A in
case of a digital reference clock
input, to VSS_ANA in case of
an analogue reference clock
input)
H09
VDD_DSM
E10
Internal supply decoupling
VDD_N
F10
Internal supply decoupling
VDD_CL
G10
Internal supply decoupling
Table 12.
STLC2500A pin list (functional and supply)
Name
Pin #
Description
DIR
Reset
Default
after
reset
VDD_
IO_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com