Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 12Page - STMicroelectronics STLC2500A Datasheet HTML 13Page - STMicroelectronics STLC2500A Datasheet HTML 14Page - STMicroelectronics STLC2500A Datasheet HTML 15Page - STMicroelectronics STLC2500A Datasheet HTML 16Page - STMicroelectronics STLC2500A Datasheet HTML 17Page - STMicroelectronics STLC2500A Datasheet HTML 18Page - STMicroelectronics STLC2500A Datasheet HTML 19Page - STMicroelectronics STLC2500A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Functional description
STLC2500A
16/37
5
Functional description
5.1
Transmitter
The transmitter uses the serial transmit data from the Bluetooth Controller. The transmitter
modulator converts this data into GFSK modulated I and Q digital signals. These signals are
then converted to analogue signals that are low pass filtered before up-conversion. The
carrier frequency drift is limited by a closed loop PLL.
5.2
Receiver
The STLC2500A implements a low-IF receiver for Bluetooth modulated input signals. The
radio signal is taken from a balanced RF input and amplified by an LNA. The mixers are
driven by two quadrature LO signals, which are locally generated from a VCO signal running
at twice the frequency. The I and Q mixer output signals are band pass filtered by a poly-
phase filter for channel filtering and image rejection. The output of the band pass filter is
amplified by a VGA to the optimal input range for the A/D converter. Further channel filtering
is done in the digital part. The digital part demodulates the GFSK coded bit stream by
evaluating the phase information in the digital I and Q signals. RSSI data is extracted.
Overall automatic gain amplification in the receive path is controlled digitally. The RC time
constants for the analogue filters are automatically calibrated on chip.
5.3
PLL
The on-chip VCO is part of a PLL. The tank resonator circuitry for the VCO is completely
integrated without need of external components. Variations in the VCO centre frequency are
calibrated out automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com