Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 15Page - STMicroelectronics STLC2500A Datasheet HTML 16Page - STMicroelectronics STLC2500A Datasheet HTML 17Page - STMicroelectronics STLC2500A Datasheet HTML 18Page - STMicroelectronics STLC2500A Datasheet HTML 19Page - STMicroelectronics STLC2500A Datasheet HTML 20Page - STMicroelectronics STLC2500A Datasheet HTML 21Page - STMicroelectronics STLC2500A Datasheet HTML 22Page - STMicroelectronics STLC2500A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
STLC2500A
Functional description
19/37
5.5.3
V1.2 detailed functionality - Faster connection
●
User perspective - Faster connection
This feature gives the User about 65% faster connection on average when enabled
compared to Bluetooth spec 1.1 connection procedure.
●
Technical perspective - Faster connection
The Faster Inquiry Functionality is based on a removed/shortened random back off and also
a new Interlaced Inquiry Scan scheme.
The Faster Page functionality is based on Interlaced Page Scan.
5.5.4
V1.2 detailed functionality - Quality of service
●
User perspective - Quality of service
Small changes to the BT1.1 spec regarding Quality of Service make a large difference.
Allowing all QoS parameters to be communicated over HCI to the link manager enables
efficient bandwidth management.
Here after a short list of user perspectives:
1.
Flush timeout enables time-bounded traffic such as video streaming to become more
robust when the channel degrades. It sets the maximum delay of an L2CAP frame. It
does not enable multiple streams in one piconet, or heavy data transfer at the same
time.
2.
Simple latency control allows the Host to set the poll interval. This provides support
for HID devices mixed with other traffic in the piconet.
5.6
Processor and memory
–
ARM7TDMI
–
On chip RAM, including provision for patches
–
On chip ROM, preloaded with SW up to HCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com