Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 13Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 14Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 15Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 16Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 17Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 18Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 19Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
16 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
The device supports two advertising modes, continuous or event triggered.
3.5.1. Continuous advertising mode
Advertising occurs every advertising interval. The advertising packet is transmitted periodically
with the advertising interval specified in region 3 of the eFuse memory or the SRAM configuration.
3.5.2. Event-driven trigger mode
Advertising packet is only transmitted when a given conditions are met, which is also specified in
region 3 of the eFuse memory or the SRAM configuration.
The event-driven trigger mode can be further divided into the following 4 modes:
•
Mode 0: After the event is triggered, the device begins to advertise with the interval specified.
The device keeps advertising for a specified number of advertising events regardless the
status of the current trigger event, as shown in Figure 5 (a). After finishing the specified
number of advertisings, the device will stop advertising and remain in sleep forever.
•
Mode 1: After the event is triggered, the device begins to advertise with the interval specified.
Different from mode 0, during every advertising wakeup, the device checks whether the
sensor event is valid. After the last valid trigger event, the device keeps advertising for a
specified number of advertising events as shown in Figure 5 (b). Advertising will continue until
the sensor event is not present. After finishing the advertising, the device will be in sleep
forever.
•
Mode 2: Similar to mode 0 except after finishing the advertising sequence, the device will
periodically wake up to check the sensor status to see if it is triggered. If it is triggered again,
the device will perform a specified number of advertising events.
•
Mode 3: Similar to mode 1 except after finishing the advertising, the device will periodically
wake up to check the sensor status to see if it is triggered. If it is triggered again, the device
will perform a specified number of advertising events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com