Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
28 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Figure 12 : 32kHz RC frequency vs. temperature
4.10.2. RTC 32.768kHz
This is a stable and high accurate 32kHz clock. It is optional, and for some applications, this crystal
may not be installed. During cold boot, the RC 32kHz is the default clock for AON. After cold boot,
If the RTC crystal is installed and the corresponding eFuse memory is set, the FSM (Finite State
Machine) will enable the RTC clock and switch to the RTC 32.768 kHz clock for AON operation.
Figure 13 shows a block diagram of the 32.768kHz crystal. The device also supports an external
32.768kHz clock source as input as shown in Figure 14.
Figure 13 : 32.768kHz crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com