Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
29 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Figure 14 : External 32.768kHz clock source
Clock performance reported below was measured at the following condition: Ta = 25°C, VCC=3.0V,
unless otherwise noted.
Table 10 : 32.768kHz RTC oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Crystal frequency
32.77
kHz
Crystal frequency
tolerance
Including aging and temp. drift
-500
500
ppm
ESR
30
100
kohm
On-chip CL
Differential, programmable in
0.5pF steps
0.5
8
pF
CL crystal load
capacitance
Differential
4
7
12
pF
4.10.3. RC 26MHz
RC 26MHz is a 26MHz high-frequency ring oscillator which provides a clock source while the
crystal oscillator is starting up. The CPU will use RC 26MHz by default after code boot or wake-up
from sleep mode and may switch to the XO clock after it becomes stable.
Clock performance reported below was measured at the following condition: Ta = 25°C, VCC=3.0V,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com