Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 3Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 4Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 5Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 6Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 7Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 9Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
6 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
List of Figures
Figure 1:System block diagram..................................................................................... 9
Figure 2:NanoBeaconTM features overview ..................................................................10
Figure 3:Pin assignments.............................................................................................11
Figure 4:Advertising packet and advertising packet creation process overview ...........14
Figure 5 : Trigger modes ................................................................................................ 17
Figure 6 : Recommended UART speed detection sequence............................................21
Figure 7 : Pulse counting............................................................................................... 22
Figure 8 : PWM sequence.............................................................................................. 22
Figure 9 : Sensor ADC block diagram............................................................................. 23
Figure 10: Load switch pins........................................................................................... 25
Figure 11 : Power management generates 2 domains (AON & DOOPD) from VCC ............. 26
Figure 12 : 32kHz RC frequency vs. temperature............................................................ 28
Figure 13 : 32.768kHz crystal ......................................................................................... 28
Figure 14 : External 32.768kHz clock source .................................................................. 29
Figure 15 : XO clock source ........................................................................................... 30
Figure 16 : eFuse memory programming process ........................................................... 31
Figure 17 : RF sub-system interface .............................................................................. 32
Figure 18 : Power supply sequence................................................................................ 33
Figure 19 : IN100 QFN18 reference design .......................................................................37
Figure 20 : IN100 DFN8 reference design .......................................................................37
Figure 21 : Solder reflow profile......................................................................................41
Figure 22 : QFN18 POD IN100-Q1-R-RC1I/ IN100-Q1-R-RC1F............................................. 42
Figure 23 : QFN18 POD IN100-D1-R-YC1I/ IN100-D1-R-YC1F............................................. 43
Figure 24 : DFN8 POD IN100-D1-R-RC1I/ IN100-D1-R-RC1F ............................................. 44
Figure 25 : DFN8 POD IN100-D1-R-YC1I/ IN100-D1-R-YC1F .............................................. 45
Figure 26 : QFN18 marking ............................................................................................ 46
Figure 27 : DFN8 marking.............................................................................................. 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com