Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 40Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 41Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 42Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
38 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
7. Layout
To ensure device performance, it is recommended to follow the general printed circuit board
layout guidelines described below.
7.1.Layer stack-up
The recommendations in this document refer to the 2-layer standard flame retardant 4 (FR4)
materials, a technology commonly used in commercial applications.
Table 20 : PCB layer stack-up
Layer
Purpose
Material
Thickness Thickness
control
Adjust to get
desired total
PCB thickness
Top layer
+Plating
Signal
1/2 oz Cu
1.4
Yes
No
Dielectric
FR4
28.7
Yes
No
Bottom Layer +
Plating
Signal/power
1/2 oz Cu
1.4
No
Yes
Total thickness
(mil)
32
7.2. Crystal
7.2.1. 26MHz crystal
When there is a high-speed 26MHz crystal in the system, the parasitics associated with the clock
trace affect the frequency of oscillation, so the crystal should be placed as close as possible to
the device. Traces that are too wide can cause excessive capacitance, while traces that are too
narrow can cause excessive parasitic inductance of the clock traces. For short clock traces, use
a trace width of approximately 10 mils (0.010 inches or 0.254 mm). Keep the crystal tuning
capacitor close to the crystal pad.
Avoid passing through the crystal lines on adjacent layers. Keep the ground plane below the
crystal line to improve the return path. Try to keep the parasitic capacitances on both crystal lines
equal. This can be done by keeping their lengths and widths equal.
7.2.2. 32.768kHz crystal
The slow clock signal line must be as short as possible. The trace of the slow clock signal should
have a ground plane on each side of the signal trace to reduce unwanted signal coupling. In order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com