Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 40Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 41Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 42Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 43Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 44Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
40 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
plane to ensure the lowest possible resistive loss. For a PCB with a topside RF ground plane, the
GND (exposed paddle) pins should be connected directly to the ground plane.
8. Reflow Profile Information
This section provides guidelines for reflow processes for soldering the device to the user’s design.
8.1. Storage condition
8.1.1. Moisture barrier bag storage condition (sealed)
A moisture barrier bag must be stored in a temperature of less than 30°C with humidity under 85%
RH. The calculated shelf life for the dry-packed product shall be 12 months from the date the bag
is sealed.
8.1.2. Moisture barrier bag when opened
Humidity indicator cards must be blue, < 30%.
8.2. Stencil design
The recommended stencil is laser-cut, stainless-steel type with a thickness of 100μm to 130μm
and approximately a 1:1 ratio of stencil opening to pad dimension. To improve paste release, a
positive taper with bottom opening 25μm larger than the top can be utilized. Local manufacturing
experience may find other combinations of stencil thickness and aperture size to get good results.
8.3. Baking conditions
This chip is rated at MSL level 3. After the sealed bag is opened, no baking is required within 168
hours so long as the devices are held at <= 30°C /60% RH or stored at <10% RH.
The chip will require baking before mounting if:
•
The sealed bag has been open for > 168 hours OR.
•
The Humidity Indicator Card reads >10%.
Chips need to be baked for 8 hours at 125 °C.
8.4. Soldering and reflow condition
8.4.1. Reflow oven
It is strongly recommended that a reflow oven equipped with multiple heating zones and Nitrogen
atmosphere be used for lead-free assembly. A nitrogen atmosphere has shown to improve the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com