Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1I Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
35 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
5.4.2. RF transmitter performance characteristics
The performance below was measured at: Ta = 25°C, VCC=3.0V, f(RF)=2440MHz, unless otherwise
noted.
Table 18 : RF Transmitter performance characteristics
Parameter
Condition
Test conditions
Min.
Typ.
Max.
Unit
Maximum
output power
Averaged over
band and build
5
dBm
Minimum output
power
-50
dBm
Output power
variation over
band
2402MHz -
2480MHz
-0.5
0.5
dB
Output power
build-to-build
variation
Chip variation +
matching
component
variation
-0.5
0.5
dB
In-band
spurious
emission
1Mbps,
@ Pout,max
N +/- 2MHz
-54
dBm
N +/- ≥3MHz
-44
dBm
Out-of-band
spurious
emission
@ Pout,max
f<1GHz, outside
restricted bands
-50
dBm
f<1GHz, restricted
bands ETSI
-50
dBm
f<1GHz, restricted
bands FCC
-50
dBm
f>1GHz, including
harmonics
-44
dBm
HD2
-44
dBm
HD3
-61
dBm
5.5. System power consumption
Currents are measured at Ta = 25°C, VCC = 3.0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com