Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3314AACBZ-R7 Datasheet HTML 18Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 19Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 20Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 21Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 22Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 23Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 24Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 25Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTC3314A
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Dual 1V and 2.5V, 2MHz, 4A, UVLO = 4.0V, Sequential Power-Up
Sequencing (VOUT1 Powers First), Forced Continuous Mode
10F
1F
1.8M
200k
499k
10F
PVIN2
EN2
NC
MODE/SYNC
RT
AVIN
EN1
PVIN1
LTC3314A
SW1
FB1
PGOOD1
SW2
FB2
PGND
3314A TA04
AGND
15pF
680nH
220nH
47F
×2
VOUT1
1V, 4A
VOUT2
2.5V, 4A
402k
100k
47F
×2
10pF
200k
200k
VIN
4.5V TO 5.5V
PGOOD2
BST1
22nF
BST2
22nF
VOUT2
1M
Dual 0.5V and 0.75V, 1MHz, 4A, VIN = 3.3V, Burst Mode Operation
10F
1F
10F
PVIN2
EN2
MODE/SYNC
AVIN
EN1
VIN
3.3V
PVIN1
LTC3314A
SW1
FB1
SW2
FB2
PGND
3314A TA05
AGND
15pF
470nH
330nH
47F
x2
VOUT1
0.5V, 4A
VOUT2
0.75V, 4A
100k
200k
47F
×2
PGOOD1
PGOOD2
BST1
22nF
BST2
22nF
VIN
VIN
1M
1M
RT
71.5k
Dual 1.2V and 1.8V, 3MHz, 4A, VIN = 3.3V, Syncing to 3MHz
10F
1F
10F
fSYNC = 3MHz
EN2
PVIN2
MODE/SYNC
RT
AVIN
EN1
PVIN1
LTC3314A
SW1
FB1
PGOOD1
PGOOD2
SW2
FB2
PGND
3314A TA06
AGND
15pF
220nH
15pF
220nH
140k
100k
22F
×2
VOUT1
1.2V, 4A
VOUT2
1.8V, 4A
107k
41.2k
22F
×2
VIN
3.3V
BST1
22nF
BST2
22nF
VOUT1
1M
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com