Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3314AACBZ-R7 Datasheet HTML 18Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 19Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 20Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 21Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 22Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 23Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 24Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 25Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC3314A
22
Rev. 0
For more information www.analog.com
4. Connect the ground side of any FB and RT compo-
nents to AGND (Lead D5). Connect a 1µF decoupling
capacitor from AVIN (Lead C5) to AGND, close to the
pins. For all layouts, only connect AGND to the rest of
the PCB ground plane in one location, to prevent tran-
sient currents in the ground plane from also flowing
through the AGND trace, which would cause voltage
noise between AGND referenced circuits.
For dual buck applications, connect the AGND pin to
the ground plane with a single via, close to the AGND
lead. Use an unbroken low resistance ground plane to
minimize any voltage drops between AGND and the
negative terminals of the output capacitors.
For 2-phase, single output designs, optionally con-
nect the AGND lead to the negative terminal of the
output capacitor (COUT) at the load. This will reduce
any load regulation caused by voltage drops between
the ground at the load and the LTC3314A voltage
reference ground. The AGND node carries very little
current and, therefore, can be a minimal size trace.
The ground side of any FB and RT components, and
the AVIN capacitor ground should connect to the
AGND node.
5. Care should be taken in the layout of the PCB to
ensure good heat sinking of the LTC3314A. Connect
the PGND leads to a large metal area on the top layer.
Connect the top layer ground metal to ground plane(s)
on lower levels with many thermal vias. These layers
will spread heat dissipated by the LTC3314A. The
junction temperature, TJ, is calculated from the ambi-
ent temperature, TA as given by Equation 11.
TJ = TA + (PD • θJA)
(11)
Where θJA is approximately 58°C/W.
Power dissipation within the LTC3314A is estimated
by calculating the total power loss from an efficiency
measurement and subtracting the inductor loss.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com