Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC3314AACBZ-R7 Datasheet HTML 18Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 19Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 20Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 21Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 22Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 23Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 24Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 25Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC3314A
26
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2023
01/23
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Single Output 2-Phase, 1.0V, 2MHz, 8A, UVLO = 2.8V, Burst Mode Operation
PART NUMBER DESCRIPTION
COMMENTS
LTC3312SA
5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC
Regulator
Dual Monolithic Synchronous Step-Down Regulators Each Capable of Supplying
6A at Switching Frequencies Up to 3MHz, Configurable as a Single Output,
2-Phase 12A Buck, 2.25V to 5.5V Input Operating Range, 0.5V to VIN Output
Voltage Range with ±1% Accuracy, PGOOD Indication, RT Programming, SYNC
Input, Programmable Soft-Start, 4mm × 3mm LQFN
LTC3315A/
LTC3315B
Dual 5V, 2A Synchronous Step-Down DC/DCs
Dual Monolithic Synchronous Step-Down Voltage Regulators Each Capable of
Supplying 2A at Switching Frequencies Up to 3MHz/10MHz, 2.25V to 5.5V Input
Operating Range, 0.5V to VIN, Output Voltage Range with ±1% Accuracy, PGOOD
Indication, SYNC Input, 2mm × 2mm LQFN
LTC3307A/
LTC3307B
5V, 3A Synchronous Step-Down Silent Switcher®
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 3A at
Switching Frequencies Up to 3MHz/10MHz, Silent Switcher Architecture for
Ultralow EMI Emissions, 2.25V to 5.5V Input Operating Range, 0.5V to VIN
Output Voltage Range with ±1% Accuracy, PGOOD Indication, RT Programming,
SYNC Input, 2mm × 2mm LQFN
LTC3308A/
LTC3308B
5V, 4A Synchronous Step-Down Silent Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 4A at
Switching Frequencies Up to 3MHz/10MHz, Silent Switcher Architecture for
Ultralow EMI Emissions, 2.25V to 5.5V Input Operating Range, 0.5V to VIN
Output Voltage Range with ±1% Accuracy, PGOOD Indication, RT Programming,
SYNC Input, 2mm × 2mm LQFN
LTC3309A/
LTC3309B
5V, 6A Synchronous Step-Down Silent Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 6A at
Switching Frequencies Up to 3MHz/10MHz, Silent Switcher Architecture for
Ultralow EMI Emissions, 2.25V to 5.5V Input Operating Range, 0.5V to VIN
Output Voltage Range with ±1% Accuracy, PGOOD Indication, RT Programming,
SYNC Input, 2mm × 2mm LQFN
LTC3310/
LTC3310S/
LTC3311/
LTC3311S
5V, 10A/12.5A Synchronous Step-Down Silent
Switcher/Silent Switcher 2
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A/12.5A
at Switching Frequencies up to 5MHz, Silent Switcher Architecture for Ultralow
EMI Emissions, 2.25V to 5.5V Input Operating Range, 0.5V to VIN Output Voltage
Range with ±1% Accuracy, PGOOD Indication, RT Programming, SYNC Input,
Configurable for Paralleling Power Stages, 3mm × 3mm LQFN
LTC3616
5.5V, 6A 4MHz, Synchronous Step-Down Regulator
95% Efficiency, VIN: 2.25 to 5.5V, VOUT(MIN)= 0.8V, IQ = 64µA, ISD < 1µA,
4mm × 4mm QFN-16 Package
10F
10F
1.2M
200k
1F
RT
MODE/SYNC
EN2
FB2
PVIN2
AVIN
EN1
PVIN1
LTC3314A
SW1
FB1
AGND
PGOOD1
PGOOD2
NC
SW2
3314A TA07
PGND
150nH
150nH
15pF
200k
200k
33F
×4
VOUT
1.0V, 8A
VIN
3.0V TO 5.5V
BST1
22nF
BST2
22nF
1M
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com