Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3314AACBZ-R7 Datasheet HTML 11Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 12Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 13Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 14Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 15Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 16Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 17Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 18Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTC3314A
15
Rev. 0
For more information www.analog.com
output remains out of regulation for more than 100µs, the
PGOOD pin will be pulled low.
An output overvoltage event should not happen under
normal operating conditions.
Overtemperature Protection
To prevent thermal damage to the LTC3314A, the device
incorporates an overtemperature (OT) function. If the die
temperature reaches 165°C (typical, not tested), both
buck switching regulators will be shut down and remain
in shutdown until the die temperature falls to 160°C (typi-
cal, not tested).
Output Voltage Soft-Start
Soft-starting the output limits VIN inrush current and
reduces start-up output voltage overshoot. Each buck
regulator has an internal voltage ramp that initiates when
that regulator is enabled. During soft-start, the output
voltage will proportionately track the voltage ramp until
it reaches the regulation voltage.
An active pull-down circuit is connected to the internal
soft-start node to discharge it in the case of fault con-
ditions. The soft-start ramp will restart when the fault
is cleared. Fault conditions that discharge the soft-start
voltage ramp are the EN pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Dropout Operation
As the input supply voltage approaches the output volt-
age, the duty cycle increases until SW is low for a mini-
mum time of 30ns (typical, not tested). Further reduction
of the supply voltage forces the main switch to remain
on for more than one cycle, allowing the duty cycle to
increase despite the internally set minimum SW low-time.
As the input drops further, the main switch stays on for
more cycles, until it reaches the maximum allowed 16
cycles. At least one minimum low time is forced every
16 cycles in dropout, limiting the maximum duty cycle
to 99% (typical).
Deep in dropout, the output voltage will be approximately
determined by 0.99 times the input voltage, minus the
voltage drops across the internal high-side MOSFET and
the inductor.
Low Supply Operation
The LTC3314A is designed to operate down to an input
supply voltage of 2.25V. One important consideration at
low input supply voltages is that the RDS(ON) of the inter-
nal power switches increases. Calculate the worst case
LTC3314A power dissipation and die junction temperature
at the lowest input voltages.
Output Short-Circuit Protection and Recovery
The peak inductor current level, at which the current com-
parator shuts off the top power switch, is controlled by
the internal VC voltage. If the output current increases,
the error amplifier raises VC until the average inductor
current matches the load current. The LTC3314A clamps
the maximum VC voltage, thereby limiting the peak induc-
tor current.
When the output is shorted to ground, the inductor cur-
rent decays very slowly when the bottom power switch
is on, because the voltage across the inductor is low. To
keep the inductor current in control, a secondary limit
is imposed on the valley of the inductor current. If the
inductor current measured through the bottom power
switch is greater than IVALLEYMAX at the end of a cycle, the
top power switch will be held off. Subsequent switching
cycles will be skipped until the inductor current is reduced
below IVALLEYMAX.
Recovery from an output short-circuit may involve a soft
start cycle if VFB falls more than approximately 100mV
below regulation. During such a recovery, VFB will quickly
charge up by ~100mV and then follow the soft-start ramp
until regulation is reached.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com