Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3314AACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 9Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 10Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 11Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 12Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 13Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC3314A
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PVIN1 (Leads A1, A2): Input Supply for Buck Regulator 1.
Supplies gate drive circuits and inductor current when
the high side turns on. Bypass PVIN1 to PGND with a
separate low ESR capacitor close to the pins. PVIN1 and
PVIN2 should be shorted externally. Use separate capaci-
tors to PGND for PVIN1 and PVIN2 to prevent interaction
between the buck regulators. There is an internal 20Ω
resistor from PVIN1 to AVIN to help create a filtered supply
for the internal control circuits.
SW1 (Leads A3, B1, B2, B3): Switch Node for Buck
Regulator 1. Connect an external inductor to this pin.
BST1 (Lead A4): Internal supply for high side gate drive
circuits for Buck 1. Connect a 22nF capacitor from SW1
to BST1 close to the pins.
FB1 (Lead A5): Feedback Input for Buck Regulator 1.
Program the output voltage of Buck 1 by connecting this
pin to the middle node of a resistor divider between the
output and ground. The FB1 pin is regulated to 500mV. A
phase lead capacitor connected between VOUT1 and FB1
may be used to optimize transient response.
PGOOD1 (Lead B4): Power Good (Open-Drain) Output
for Buck Regulator 1. When the regulated output voltage
is outside the power-good voltage window, and PVIN is
above 2.25V, this pin is driven LOW. The PGOOD1 output
is also pulled low when PVIN is above 2.25V and Buck
Regulator 1 is in shutdown.
EN1 (Lead B5): Active High Enable Input for Buck
Regulator 1. The EN1 pin has a precision threshold. An
external resistor divider from VIN, or from another sup-
ply, can be used to program when Buck Regulator 1 is
enabled. If the enable function is not required, tie EN1
directly to AVIN. The EN1 pin should not be floated.
PGND (Leads C1, C2, C3, D1, D2, D3): The PGND pins
are the return path of the internal bottom side switches.
Connect the PGND leads together. Connect the negative
terminals of the input capacitors as close to the PGND
pins as possible. The PGND node is the main thermal
highway and should be connected to a large PCB ground
plane with many large vias.
RT (Lead C4): The RT pin sets the switching frequency
with an external resistor to AGND. If this pin is tied to
AVIN, the buck will switch at the default oscillator fre-
quency. If an external clock is driving the MODE/SYNC
pin, the RT pin is ignored.
AVIN (Lead C5): Filtered input supply used to bias the
internal bandgap reference and buck control circuits.
There are internal 20Ω resistors from PVIN1 to AVIN, and
from PVIN2 to AVIN. Connect a 1µF ceramic capacitor from
AVIN to AGND to provide a filtered supply for the internal
control circuits. Do not externally load this pin.
MODE/SYNC (Lead D4): Mode Selection and External
Clock Synchronization Input. Ground this pin to enable
pulse-skipping mode. Tie this pin to AVIN to enable Burst
Mode operation for higher efficiency at light loads. Float
this pin to enable forced continuous mode for fast tran-
sient response and full frequency operation over a wide
load range. Drive MODE/SYNC with an external clock to
synchronize both switchers to the applied frequency. The
slope compensation is automatically adapted to the exter-
nal clock frequency. In the absence of an external clock,
the RT pin controls the switching frequency.
AGND (Lead D5): The AGND pin is the ground pin for
the internal bias circuits, including the bandgap refer-
ence. Connect the bottom resistor of the FB1 and FB2
resistor dividers to the AGND pin for accurate output
voltage regulation.
SW2 (Leads E1, E2, E3, F3): Switch Node for Buck
Regulator 2. Connect an external inductor to this pin.
PGOOD2 (Lead E4): Power Good (Open-Drain) Output
for Buck Regulator 2. When the regulated output voltage
is outside the power-good voltage window, and PVIN is
above 2.25V, this pin is driven LOW. The PGOOD2 output
is also pulled low when PVIN is above 2.25V and Buck
Regulator 2 is in shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com