Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC3314AACBZ-R7 Datasheet HTML 15Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 16Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 17Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 18Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 19Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 20Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 21Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 22Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC3314A
19
Rev. 0
For more information www.analog.com
Input Capacitors
Bypass the input of the LTC3314A with at least two
ceramic capacitors close to the part, one near each PVIN
pin. Connect the ground of each capacitor to a wide PCB
trace on the top layer of the PCB that connects to the
PGND leads. These capacitors should be 0603 or 0805 in
size. Smaller 0201 capacitors can also be placed as close
as possible from PVIN1 to PGND, and from PVIN2 to PGND
to reduce input noise with minimal increase in application
footprint. See the PCB Layout Considerations section for
more detail. X7R or X5R capacitors are recommended for
best performance across temperature and input voltage
variations (see Table 3). Note that larger input capacitance
is required when a lower switching frequency is used. If
the input power source has high impedance, or there is
significant inductance due to long wires or cables, addi-
tional bulk capacitance may be necessary. This can be
provided with an electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (underdamped) tank cir-
cuit. If the LTC3314A circuit is plugged into a live sup-
ply, the input voltage can ring to twice its nominal value,
possibly exceeding the LTC3314A’s voltage rating. This
situation is easily avoided (see Application Note AN88).
Table 3. Ceramic Capacitor Manufacturers
VENDOR
URL
Kyocera
www.kyocera-avx.com
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
Samsung
www.samsungsem.com
Wurth Elektronik
www.we-online.com
Output Capacitor, Output Ripple and Transient
Response
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LTC3314A to produce the DC output. In this role it
determines the output ripple; thus, low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LTC3314A’s control loop.
The LTC3314A is internally compensated and has been
designed to operate at a high bandwidth for fast tran-
sient response capability. The selection of COUT will affect
the bandwidth of the system, but the transient response
is also affected by VOUT, VIN, fSW, and other factors. A
good place to start is with the output capacitor value given
by Equation 8.
COUT = 20 •
IMAX
fSW
0.5
VOUT
(8)
where COUT is the recommended output capacitor value
in µF, fSW is the switching frequency in MHz, IMAX = 4A
per phase is the rated output current in Amps, and VOUT
is in Volts.
A lower value of output capacitor can be used to save
space and cost, but transient performance will suffer and
loop stability must be verified.
Ceramic capacitors have very low equivalent series
resistance (ESR) and provide the best output ripple and
transient performance. Use X5R or X7R ceramic capaci-
tors (see Table 3). Even better output ripple and transient
performance can be achieved by using low-ESL reverse
geometry or three-terminal ceramic capacitors.
During a load step, the output capacitor must instan-
taneously supply the current to support the load until
the feedback loop increases the switch current enough
to support the load. The time required for the feedback
loop to respond is dependent on the compensation com-
ponents and the output capacitor size. Typically, 3 to 4
cycles are required to respond to a load step, but only
in the first cycle does the output drop linearly. Although
affected by VOUT, VIN, fSW, tON(MIN), the equivalent series
inductance (ESL) of the output capacitor, and other fac-
tors, the output droop, VDROOP, is usually about 3 times
the linear drop of the first cycle (Equation 9).
VDROOP =
3 • ∆IOUT
COUT • fSW
(9)
Transient performance and control loop stability can
be improved with a higher COUT and/or the addition of
a feedforward capacitor CFF placed between VOUT and
FB. Capacitor CFF provides phase lead compensation by
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com