Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3314AACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3314AACBZ-R7
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3314AACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  LTC3314AACBZ-R7 Datasheet HTML 1Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3314AACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC3314A
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Voltage
Minimum On-Time vs VIN
Minimum On-Time vs
Temperature
Switch On-Resistance vs VIN
Switch On-Resistance
Default Switching Frequency
vs VIN
Default Switching Frequency
Switching Frequency vs RT
Switching Frequency vs
Temperature
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
495
496
497
498
499
500
501
502
503
504
505
3314A G01
150°C
25°C
–50°C
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
20
30
40
50
60
70
80
3314A G02
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
20
30
40
50
60
70
80
3314A G03
TOP SWITCH
BOTTOM SWITCH
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
16
18
20
3314A G04
VIN = 3.3V
TOP SWITCH
BOTTOM SWITCH
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
5
10
15
20
25
3314A G05
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
3314A G06
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
3314A G07
RESISTANCE (kΩ)
20 25 30 35 40 45 50 55 60 65 70 75
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3314A G08
RT = 34.8kΩ
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
3314A G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com