Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP151A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP151A
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP151A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP151A Datasheet HTML 1Page - Toshiba Semiconductor TLP151A Datasheet HTML 2Page - Toshiba Semiconductor TLP151A Datasheet HTML 3Page - Toshiba Semiconductor TLP151A Datasheet HTML 4Page - Toshiba Semiconductor TLP151A Datasheet HTML 5Page - Toshiba Semiconductor TLP151A Datasheet HTML 6Page - Toshiba Semiconductor TLP151A Datasheet HTML 7Page - Toshiba Semiconductor TLP151A Datasheet HTML 8Page - Toshiba Semiconductor TLP151A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLP151A
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP151A
TLP151A
TLP151A
TLP151A
Start of commercial production
2011-05
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Transistor Inverters
•
MOSFET Gate Drivers
•
IGBT Gate Drivers
2.
2.
2.
2. General
General
General
General
The TLP151A is a photocoupler in a SO6 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip.
The photodetector has an internal Faraday shield that provides a guaranteed common-mode transient immunity.
TLP151A is suitable for direct gate driving circuit for small capacity IGBTs or power MOSFETs.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Buffer logic type (Totem pole output)
(2)
Package type: SO6
(3)
Output peak current: ±0.6 A (max)
(4)
Operating temperature: -40 to 110 
(5)
Supply voltage: 10 to 30 V
(6)
Threshold input current: 5.0 mA(max)
(7)
Propagation delay time: 500 ns (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 3750 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-4L1S
1: Anode
3: Cathode
4: GND
5: VO (Output)
6: VCC
2017-06-09
Rev.4.0
©2015 Toshiba Corporation


Similar Part No. - TLP151A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
More results

Similar Description - TLP151A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com