Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 4 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 4 Page - Cree LED

  CMB1306 Datasheet HTML 1Page - Cree LED CMB1306 Datasheet HTML 2Page - Cree LED CMB1306 Datasheet HTML 3Page - Cree LED CMB1306 Datasheet HTML 4Page - Cree LED CMB1306 Datasheet HTML 5Page - Cree LED CMB1306 Datasheet HTML 6Page - Cree LED CMB1306 Datasheet HTML 7Page - Cree LED CMB1306 Datasheet HTML 8Page - Cree LED CMB1306 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
XLAMP® CMB1306 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
4
OPERATING LIMITS
The maximum current rating of the CMB1306 LED depends on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady-state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Either solder pad shown in the Mechanical
Dimensions section on page 21 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light Emitting Surface (LES). Cree LED recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 22 for more
information on LES temperature measurement.
CMB1306-18V Standard
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
25
50
75
100
125
150
Case Temperature (°C)
105 °C, 1200 mA
125 °C,
460 mA
18 V
CMB1306-36V Standard
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0
25
50
75
100
125
150
Case Temperature (°C)
125 °C,
230 mA
105 °C, 600 mA
36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com