Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 10 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 10 Page - Cree LED

Back Button CMB1306 Datasheet HTML 6Page - Cree LED CMB1306 Datasheet HTML 7Page - Cree LED CMB1306 Datasheet HTML 8Page - Cree LED CMB1306 Datasheet HTML 9Page - Cree LED CMB1306 Datasheet HTML 10Page - Cree LED CMB1306 Datasheet HTML 11Page - Cree LED CMB1306 Datasheet HTML 12Page - Cree LED CMB1306 Datasheet HTML 13Page - Cree LED CMB1306 Datasheet HTML 14Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
XLAMP® CMB1306 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
10
RELATIVE SPECTRAL POWER DISTRIBUTION - STANDARD LEDS (CONTINUED)
RELATIVE SPECTRAL POWER DISTRIBUTION - STANDARD LEDS, PREMIUM COLOR
The following graphs are the result of a series of pulsed measurements at 400 mA for the 18-V CMB1306 LED and 200 mA for the 36-V
CMB1306 LED and T
J = 85 °C.
Fidelity
EZW 90 CRI
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5700 K, 90 CRI
5000 K, 90 CRI
4000 K, 90 CRI
3500 K, 90 CRI
3000 K, 90 CRI
2700 K, 90 CRI
Fidelity
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
4000 K, Z CRI
3500 K, Z CRI
3000 K, Z CRI
2700 K, Z CRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com