Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 14 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 14 Page - Cree LED

Back Button CMB1306 Datasheet HTML 10Page - Cree LED CMB1306 Datasheet HTML 11Page - Cree LED CMB1306 Datasheet HTML 12Page - Cree LED CMB1306 Datasheet HTML 13Page - Cree LED CMB1306 Datasheet HTML 14Page - Cree LED CMB1306 Datasheet HTML 15Page - Cree LED CMB1306 Datasheet HTML 16Page - Cree LED CMB1306 Datasheet HTML 17Page - Cree LED CMB1306 Datasheet HTML 18Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
XLAMP® CMB1306 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
14
RELATIVE LUMINOUS FLUX - CONTINUED
The relative luminous flux values provided below are the ratio of:
• Measurements of CMB1306 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 200 mA at T
J = 85 °C for the 36-V CMB1306 LED.
Using the 36-V CMB1306 LED as an example, at steady-state operation of Tc = 25 °C, I
F = 400 mA, the relative luminous flux ratio is 200%
in the chart below. A 36-V CMB1306 LED that measures 1000 lm during binning will deliver 2000 lm (1000* 2) at steady-state operation
of Tc = 25 °C, I
F = 400 mA.
TYPICAL SPATIAL DISTRIBUTION
0%
25%
50%
75%
100%
125%
150%
175%
200%
225%
250%
275%
300%
100
150
200
250
300
350
400
450
500
550
600
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
36 V
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com