Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 21 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 21 Page - Cree LED

Back Button CMB1306 Datasheet HTML 17Page - Cree LED CMB1306 Datasheet HTML 18Page - Cree LED CMB1306 Datasheet HTML 19Page - Cree LED CMB1306 Datasheet HTML 20Page - Cree LED CMB1306 Datasheet HTML 21Page - Cree LED CMB1306 Datasheet HTML 22Page - Cree LED CMB1306 Datasheet HTML 23Page - Cree LED CMB1306 Datasheet HTML 24Page - Cree LED CMB1306 Datasheet HTML 25Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
XLAMP® CMB1306 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
21
MECHANICAL DIMENSIONS
Dimensions are in mm.
Tolerances unless otherwise specified: ±.13
x° ± 1°
Meaning of LED Marking
B1306F = 18-V CMB1306
B1306N = 36-V CMB1306
X1 X2 X3 X4 X5
X1
CCT
1 = 6500 K
2 = 5700 K
3 = 5000 K
5 = 4000 K
6 = 3500 K
7 = 3000 K
8 = 2700 K
A = 2200 K
X2
M = EasyWhite or
Fidelity LED on the
black-body line
Q = Specialty LED below
the black-body line
U = Specialty LED below
the black-body line
X3
X4
Flux bin
0A = Not binned into flux
bins
X5
CRI
B = 70 CRI min
H = 80 CRI min
U = 90 CRI min
Z = 95 CRI min
Tc measurement point: either the anode or cathode solder pad
13.35
0.2
13.35
0.2
2.60
R0.5
2.60
R0.50
2.85
2.85
7.10
6.00
OPTICAL
REFERENCE
R2.00
TOP VIEW
ANODE SIDE
1.15 ±0.15
0.60 ±0.10
SIDE VIEW
CMB13xx
A
A
B
B
4
4
3
3
2
2
1
1
13.35
0.2
13.35
0.2
2.60
R0.5
2.60
R0.50
2.85
2.85
7.10
6.00
OPTICAL
REFERENCE
R2.00
TOP VIEW
ANODE SIDE
A
A
B
B
4
4
3
3
2
2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com