Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 11 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 11 Page - Cree LED

Back Button CMB1306 Datasheet HTML 7Page - Cree LED CMB1306 Datasheet HTML 8Page - Cree LED CMB1306 Datasheet HTML 9Page - Cree LED CMB1306 Datasheet HTML 10Page - Cree LED CMB1306 Datasheet HTML 11Page - Cree LED CMB1306 Datasheet HTML 12Page - Cree LED CMB1306 Datasheet HTML 13Page - Cree LED CMB1306 Datasheet HTML 14Page - Cree LED CMB1306 Datasheet HTML 15Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
XLAMP® CMB1306 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
11
RELATIVE SPECTRAL POWER DISTRIBUTION - STANDARD LEDS, PREMIUM COLOR (CONTINUED)
SpecialtySpeciality
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
31Q, 3100 K, 90 CRI
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
30Q, 3000 K, 90 CRI
30U, 3000 K, 90 CRI
L7C, 3000 K, Z CRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com