Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 1 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 1 Page - Cree LED

  CMB1306 Datasheet HTML 1Page - Cree LED CMB1306 Datasheet HTML 2Page - Cree LED CMB1306 Datasheet HTML 3Page - Cree LED CMB1306 Datasheet HTML 4Page - Cree LED CMB1306 Datasheet HTML 5Page - Cree LED CMB1306 Datasheet HTML 6Page - Cree LED CMB1306 Datasheet HTML 7Page - Cree LED CMB1306 Datasheet HTML 8Page - Cree LED CMB1306 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4400 Silicon Drive / Durham, NC 27703 USA / +1.919.313.5330 / www.cree-led.com
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
1
XLamp® CMB1306 LED
PRODUCT DESCRIPTION
The XLamp® CMB family delivers industry-leading lumen density
and efficacy in Cree LED’s package and LES sizes. Leveraging
the latest COB technology platform, the CMB family provides a
no-compromise performance upgrade to existing CXA, CXB and
CMA product families while retaining mechanical and optical
compatibility with them.
XLamp CMB LEDs are optimized for premium indoor lighting
applications, including track, spot and downlight, as well as
outdoor lighting.
FEATURES
• 6-mm optical source
• Mechanical and optical design consistent with CXA13 and
CXB13 LEDs
• EasyWhite® 2-, 3- and 5-step binning
• Premium Color 2- and 3-step binning
• Standard & Premium Color LEDs available in 70, 80, 90, and 95
CRI minimum options
• Forward voltage options: 18-V class & 36-V class
• 85 °C binning and characterization
• Maximum drive current: 1200 mA (18 V), 600 mA (36 V)
• 115° viewing angle, uniform chromaticity profile
• Top-side solder connections


Similar Part No. - CMB1306

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMB1306 CREELED-CMB1306 Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1306-0000-00PF0U0A27G CREELED-CMB1306-0000-00PF0U0A27G Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1306-0000-00PF0U0A27H CREELED-CMB1306-0000-00PF0U0A27H Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1306-0000-00PF0U0A30G CREELED-CMB1306-0000-00PF0U0A30G Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1306-0000-00PF0U0A30H CREELED-CMB1306-0000-00PF0U0A30H Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
More results

Similar Description - CMB1306

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
XLamp® CMA1303 LED
REV 2
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
XLamp® CMB1507 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
XLamp® CMB1818 LED
REV 0
CMB3090 CREELED-CMB3090 Datasheet
1Mb / 25P
XLamp® CMB3090 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
XLamp® CXB1512 LED
REV 9A
CXB3070 CREELED-CXB3070 Datasheet
2Mb / 14P
XLamp® CXB3070 LED
REV 7A
CMB1306-PRO9 CREELED-CMB1306-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com