Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1306 Datasheet(PDF) 7 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 7 Page - Cree LED

Back Button CMB1306 Datasheet HTML 3Page - Cree LED CMB1306 Datasheet HTML 4Page - Cree LED CMB1306 Datasheet HTML 5Page - Cree LED CMB1306 Datasheet HTML 6Page - Cree LED CMB1306 Datasheet HTML 7Page - Cree LED CMB1306 Datasheet HTML 8Page - Cree LED CMB1306 Datasheet HTML 9Page - Cree LED CMB1306 Datasheet HTML 10Page - Cree LED CMB1306 Datasheet HTML 11Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
XLAMP® CMB1306 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS280
REV 0
7
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 24).
•
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
FLUX CHARACTERISTICS, ORDER CODES & BINS - STANDARD LEDS - 36 V (I
F = 200 mA, TJ = 85 °C)
The following tables provide order codes for XLamp CMB1306 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 20).
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
5-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
6500 K
70
73
1073
1130
65E
CMB1306-0000-
000N0B0A65E
80
82
975
1027
65E
CMB1306-0000-
000N0H0A65E
5700 K
70
73
1070
1127
57E
CMB1306-0000-
000N0B0A57E
80
82
974
1025
57E
CMB1306-0000-
000N0H0A57E
90
92
877
924
57G
CMB1306-0000-
000N0U0A57G
5000 K
70
73
1065
1122
50E
CMB1306-0000-
000N0B0A50E
80
82
969
1020
50G
CMB1306-0000-
000N0H0A50G
90
92
872
919
50G
CMB1306-0000-
000N0U0A50G
4000 K
70
73
1050
1106
40E
CMB1306-0000-
000N0B0A40E
80
82
954
1005
40H
CMB1306-0000-
000N0H0A40H
40G
CMB1306-0000-
000N0H0A40G
90
92
825
868
40H
CMB1306-0000-
000N0U0A40H
40G
CMB1306-0000-
000N0U0A40G
3500 K
80
82
950
1000
35H
CMB1306-0000-
000N0H0A35H
35G
CMB1306-0000-
000N0H0A35G
90
92
822
865
35H
CMB1306-0000-
000N0U0A35H
35G
CMB1306-0000-
000N0U0A35G
3000 K
70
73
1027
1082
30E
CMB1306-0000-
000N0B0A30E
80
82
931
980
30H
CMB1306-0000-
000N0H0A30H
30G
CMB1306-0000-
000N0H0A30G
90
92
809
852
30H
CMB1306-0000-
000N0U0A30H
30G
CMB1306-0000-
000N0U0A30G
2700 K
80
82
891
939
27H
CMB1306-0000-
000N0H0A27H
27G
CMB1306-0000-
000N0H0A27G
90
92
781
822
27H
CMB1306-0000-
000N0U0A27H
27G
CMB1306-0000-
000N0U0A27G
2200 K
80
82
790
832
22G
CMB1306-0000-
000N0H0A22G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com